PART |
Description |
Maker |
EVAL-AD5532EB AD5532ABC-1 AD5532ABC-2 AD5532ABC-3 |
32-Channel 14-Bit Bipolar Voltage-Output DAC SERIAL INPUT LOADING, 14-BIT DAC, PBGA74 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode 32-Channel Voltage-Output 14-bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
MAX1271ACAI-T MAX12528ETKTD MAX19507 MAX1267AEEG-T |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 Dual, 80Msps, 12-Bit, IF/Baseband ADC DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 双通道位130Msps ADC 双通道位130Msps ADC 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
MAX1203BC/D MAX1202BC/D MAX1202AEPP MAX1202BCAP |
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Scan Test Devices With 18-Bit Bus Transceivers 56-SSOP -40 to 85 DIODE VOLTAGE SUPPRESSOR 170V 5v / 8-cHANNEL / sERIAL / 12-bIT adcS WITH 3v dIGITAL iNTERFACE
|
Maxim Integrated Products, Inc.
|
MAX113-MAX117 MAX117CAI MAX117CPI MAX117EAI MAX117 |
3V 400ksps 4/8-Channel 8-Bit ADCs with 1UA Power-Down 3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down 3V / 400ksps / 4/8-Channel / 8-Bit ADCs with 1UA Power-Down 3V, 400ksps, 4/8 Channel, 8-Bit ADCs with 1µA Power Down 8-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD7912 AD7912ARM AD7912ARM-REEL AD7912ARM-REEL7 AD |
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 12-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs Data Acquisition System - Datasheet Reference
|
AD[Analog Devices] Analog Devices Inc
|
258819 258823 258829 258831 258809 258808 258828 2 |
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface SIGN-FIRE EXTIGUISHER WATER 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation Kit/Evaluation System MAX1284 Evaluation Kit/Evaluation System 标志火灭焰器干战 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 标志火灭焰器
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|
MN7150-8 MN7150-8H MN7150-8HB MN7150-8HBCH MN7150- |
8-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, CQMA62 8-channel 12-bit data acquisition system 16-channel 12-bit data acquisition system
|
Integrated Circuit Systems
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AD7992BRM-0 AD7992BRM-0REEL AD7992BRM-1 AD7992BRM- |
2-Channel, 12-Bit ADC with I2C-Compatible 2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Analog Devices, Inc.
|
|